Part Number Hot Search : 
6220BT6 MMSZ5250 FDH50N50 1N5258B STM8S10 LA112B FN3966 WSR5LFTA
Product Description
Full Text Search
 

To Download GBPC25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27505 rev. G 10/03
GBPC.. Series
SINGLE PHASE BRIDGE Features
Universal, 3 way terminals: push-on, wrap around or solder High thermal conductivity package, electrically insulated case Polarity symbols are moulded on body of the plastic box Center hole fixing Glass passivated diode chips Excellent power/ volume ratio Nickel plated terminals suitable for High Temperature soldering at 250 - 260C max. time 8 - 10 seconds Fast-On and Wire lead version available UL E 62320 approved
Power Modules
25 A 35 A
Description
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.
Major Ratings and Characteristics
Parameters
IO @ TC IFSM @ 50Hz @ 60Hz It
2
GBPC25
25 60 400 420 790 725
GBPC35
35 55 475 500 1130 1030
Units
A
o
GBPC...A
C
A A A2s A2s V
o
@ 50Hz @ 60Hz
VRRM range TJ
200 to 1200 -55 to 150
C
GBPC...W
www.irf.com
1
GBPC.. Series
Bulletin I27505 rev. G 10/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code VRRM , max repetitive peak AC rev. voltage
TJ = TJ max.
VRSM , max non-repetitive peak AC rev. voltage
TJ = TJ max.
V
V
@ rated VRRM TJ = TJ max.
IRRM max. mA
2 2 2 2 2 2
D.C. rev. curr.
IRRM max.
@ T= 125C (A)
500 500 500 500 500 500
02 GBPC25/35..A GBPC25/35..W (*) 04 06 08 10 12
200 400 600 800 1000 1200
275 500 725 900 1100 1300
(*) please see Ordering Information Table - page 3
Forward Conduction
Parameters
IO Maximum DC output current @ Case temperature IFSM Maximum peak, one-cycle non-repetitive forward current GBPC25 25 20 60 400 420 335 350 I2t Maximum I2t for fusing 790 725 560 512 I2t Maximum I2t for fusing 7.9 0.76 0.89 8.2 6.8 1.1 5.0 2700 GBPC35 35 28 55 475 500 400 420 1130 1030 800 730 11.3 0.77 0.92 4.852 3.867 1.1 5.0 2700 V A V m A2s
Units Conditions
A A C A t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Initial TJ =TJmax. Resistive or inductive load Capacitive load
KA2s I2t for time tx = I2t x tx ; 0.1 tx 10ms, VRRM = 0V V (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV)), @ TJ max. (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV)), @ TJ max. TJ = 25 oC, I
FM
VF(TO)1 Low-level of threshold voltage VF(TO)2 High-level of threshold voltage rt1 rt2 VFM IRRM VINS Low-level forward slope resistance High-level forward slope resistance Maximum forward voltage drop Max. DC reverse current RMS isolation voltage base plate
= IFavg (arm)
TJ = 25 oC, per diode at VRRM f = 50 Hz, t = 1s
2
www.irf.com
GBPC.. Series
Bulletin I27505 rev. G 10/03
Thermal and Mechanical Specifications
Parameters
TJ Junction temperature range 1.7 0.2 16 2.0 GBPC25 GBPC35
Units Conditions
o o
-55 to 150 -55 to 150 1.4
C C DC operation per bridge Mounting surface , smooth, flat and greased Bridge to heatsink
Tstg Storage temperature range RthJC Max. thermal resistance junct. to case RthCS Max. thermal resist., case to heatsink wt T Approximate weight Mounting Torque 10%
K/W K/W g Nm
Ordering Information Table
Device Code
GBPC 1
1 2 3 4 -
35 2
12 3
A 4
Circuit configuration: Single phase bridge coding Current rating code: Voltage Code: code x 100 = VRRM Diode bridge rectifier: A = Standard Fast-on Terminal W = Wire Lead 25 35 = 25A (Avg) = 35A (Avg)
Outline Table
GBPC...A GBPC...W
AC2
AC2
AC1
AC1
All dimensions are in millimeters
www.irf.com
3
GBPC.. Series
Bulletin I27505 rev. G 10/03
Maximum Allowable Case Temperature (C)
150 140 130 120 110 100 90 80 70 60 50 0 5 10 15 20 25 30
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
1000
GBPC25.. Series
Instantaneous Forward Current (A)
100
TJ = 25C
180 (Rect) 180 (Sine)
10
T J = 150C
GBPC25.. Series
1 0.5
1
1.5
2
2.5
Instantaneous Forward Voltage (V)
Fig. 2 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
50 40 30 20 10 0 0 5 10 15 20 25 50 75 100
Average Forward Current (A) Maximum Allowable Ambient Temperature C
GBPC25.. Series T J = 150C 180 (Sine) 180 (Rect)
R
thS A
=0
.7
1K
2K
3K
K/W
/W
-D
elt
aR
/W
/W
Fig. 3 - Total Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
400 350 300 250 200 150 100
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
400
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 150C No Voltage Reapplied Rated V RRM Reapplied 300
350
250 200 150 100 50 0.01 GBPC25.. Series 0.1
Pulse Train Duration (s)
Fig. 5 - Maximum Non-Repetitive Surge Current
GBPC25.. Series 1 10 100
1
Number of Equal Amplitude Half Cycle Current Pulses (N) Fig. 4 - Maximum Non-Repetitive Surge Current
4
www.irf.com
GBPC.. Series
Bulletin I27505 rev. G 10/03
Maximum Allowable Case Temperature (C)
150 140 130 120 110 100 90 80 70 60 50 40 0 10 20 30 40
Average Forward Current (A)
Fig. 6 - Current Ratings Characteristics
1000
GBPC35.. Series
Instantaneous Forward Current (A)
100
TJ = 25C
180 (Rect) 180 (Sine)
10
TJ = 150C
GBPC35.. Series
1 0.5
1
1.5
2
2.5
3
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 25
GBPC35.. Series T J = 150C 180 (Sine) 180 (Rect)
R th
0.7 1 K/ W
SA
= 0.
5K
/W
K/W
- De
lta R
2 K/W
3 K/W
50
75
100
Average Forward Current (A)
Maximum Allowable Ambient Temperature C
Fig. 8 - Total Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
450 400 350 300 250 200 150 100 1
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
500 450
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial Tj = 150C No Voltage Reapplied 400 Rated Vrrm Reapplied
350 300 250 200 150 100 0.01
GBPC35.. Series
GBPC35.. Series
10
100
0.1
Pulse Train Duration (s)
1
Number of Equal Amplitude Half Cycle Current Pulses (N) Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
www.irf.com
5
GBPC.. Series
Bulletin I27505 rev. G 10/03
(K/W) Transient Thermal Impedance ZthJC (K/W)
10
Steady State Value R thJC = 1.7 K/W (DC Operation)
10
Steady State Value R thJC = 1.4 K/W (DC Operation)
thJC
Transient Thermal Impedance Z
1
1
0.1
0.1
0.01
GBPC25.. Series
0.01
GBPC35.. Series
0.001 0.001
0.01
0.1
1
10
100
0.001 0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Fig. 11 - Thermal Impedance ZthJC Characteristic
Square Wave Pulse Duration (s)
Fig. 12 - Thermal Impedance ZthJC Characteristic
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial and Consumer Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of GBPC25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X